Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S040 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ADC0804S040
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S040 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ADC0804S040 Datasheet HTML 1Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 2Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 3Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
4 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
7. Pinning information
7.1 Pinning
ADC0804S
030TS
CLK
VCCD1
TC
DGND1
VCCA
IR
AGND
D7
n.c.
D6
RB
D5
RM
D4
VI
D3
RT
D2
OE
D1
VCCD2
D0
DGND2
n.c.
VCCO
n.c.
OGND
n.c.
014aaa551
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
Fig 2.
Pin configuration
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
CLK
1
clock input
TC
2
two’s complement input (active LOW)
VCCA
3
analog supply voltage (5 V)
AGND
4
analog ground
n.c.
5
not connected
RB
6
reference voltage BOTTOM input
RM
7
reference voltage MIDDLE
VI
8
analog input voltage
RT
9
reference voltage TOP input
OE
10
output enable input (CMOS level input, active LOW)
VCCD2
11
digital supply voltage 2 (5 V)
DGND2
12
digital ground 2
VCCO
13
supply voltage for output stages (3 V to 5 V)
OGND
14
output ground
n.c.
15
not connected
n.c.
16
not connected
n.c.
17
not connected
D0
18
data output; bit 0 (Least Significant Bit (LSB))
D1
19
data output; bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com