Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S040 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ADC0804S040
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S040 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ADC0804S040 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 9Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 10Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 11Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 12Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 13Page - Renesas Technology Corp ADC0804S040 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
10 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
[7]
Effective bits are obtained via a Fast Fourier transform (FFT) treatment taking 8000 acquisition points per equivalent fundamental
period. The calculation takes into account all harmonics and noise up to half the clock frequency (Nyquist frequency). Conversion to
SIgnal-to-Noise-And-Distortion (SINAD) ratio: SINAD = ENOB
 6.02 + 1.76 dB.
[8]
Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two input signals have
the same amplitude and the total amplitude of both signals provides full-scale to the converter.
[9]
Measurement carried out using video analyzer VM700A, where the video analog signal is reconstructed through a digital-to-analog
converter.
[10] Output data acquisition: the output data is available after the maximum delay time of td(0). For 50 MHz version IDT recommend the
lowest possible output load.
014aaa555
RT
RB
RM
Rlad
ROT
RL
RL
RL
RL
IL
ROB
code 255
code 0
Fig 3.
Explanation of Table 6 Table note 3
11. Additional information relating to Table 6
Table 7.
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V,
VRT = 3.67 V)
Code
Vi(a)(p-p)
(V)
IR
Binary outputs D7 to D0
Two’s complement
outputs D7 to D0
Underflow
< 1.475
0
0000 0000
10 0000 00
0
1.475
1
0000 0000
10 0000 00
1
-
1
0000 0001
10 0000 01
-
254
-
1
1111 1110
01 1111 10
255
3.495
1
1111 1111
01 1111 11
Overflow
> 3.495
0
1111 1111
01 1111 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com