Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9110 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AV9110 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AV9110 Datasheet HTML 1Page - Renesas Technology Corp AV9110 Datasheet HTML 2Page - Renesas Technology Corp AV9110 Datasheet HTML 3Page - Renesas Technology Corp AV9110 Datasheet HTML 4Page - Renesas Technology Corp AV9110 Datasheet HTML 5Page - Renesas Technology Corp AV9110 Datasheet HTML 6Page - Renesas Technology Corp AV9110 Datasheet HTML 7Page - Renesas Technology Corp AV9110 Datasheet HTML 8Page - Renesas Technology Corp AV9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AV9110
Pin Descriptions
Pin Configuration
14 Pin Dip, SOIC
The AV9110 requires a stable reference clock (5 to 32 MHz) to
generate a stable, low jitter output clock. The AV9 11 0 -01 is
optimized to use an external quartz crystal as a frequency
reference, without the need of additional external components.
The AV9110-02 is optimized to accept an TTL clock
reference. Either device can be used with an external crystal
or accept a TTL clock reference, although extra components
may be required. The various combinations implied are
summarized in Figure 2 (see page 7).
Clock Reference Implementations:
AV9110-01 vs. AV9110-02
R
E
B
M
U
N
N
I
P
E
M
A
N
N
I
P
N
I
P
E
P
Y
T
N
O
I
T
P
I
R
C
S
E
D
11
Xt
u
p
n
I.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
L
T
T
r
o
t
u
p
n
i
l
a
t
s
y
r
C
2D
D
V
Ar
e
w
o
P.
V
5
+
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
G
O
L
A
N
A
3D
N
G
Ar
e
w
o
P.
D
N
U
O
R
G
G
O
L
A
N
A
4D
D
Vr
e
w
o
P.
V
5
+
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
l
a
t
i
g
i
D
5D
N
Gr
e
w
o
P.
D
N
U
O
R
G
l
a
t
i
g
i
D
6A
T
A
Dt
u
p
n
I.
n
i
p
A
T
A
D
l
a
i
r
e
S
7K
L
C
St
u
p
n
I.
r
e
t
s
i
g
e
r
t
f
i
h
s
s
k
c
o
l
C
.
K
C
O
L
C
L
A
I
R
E
S
8#
E
Ct
u
p
n
I.
r
e
f
s
n
a
r
t
a
t
a
d
s
l
o
r
t
n
o
c
,
w
o
l
e
v
i
t
c
A
.
E
L
B
A
N
E
P
I
H
C
9X
/
K
L
Ct
u
p
t
u
O.
t
u
p
t
u
o
X
y
b
d
e
d
i
v
i
d
K
C
O
L
C
S
O
M
C
0
1D
N
Gr
e
w
o
P.
D
N
U
O
R
G
l
a
t
i
g
i
D
1
1D
D
Vr
e
w
o
P.
V
5
+
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
l
a
t
i
g
i
D
2
1K
L
Ct
u
p
t
u
O.
t
u
p
t
u
o
K
C
O
L
C
S
O
M
C
3
1E
Ot
u
p
n
I.
w
o
l
n
e
h
w
s
t
u
p
t
u
o
h
t
o
b
s
e
t
a
t
s
i
r
T
.
E
L
B
A
N
E
T
U
P
T
U
O
4
12
Xt
u
p
t
u
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
L
T
T
r
o
t
u
p
n
i
l
a
t
s
y
r
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com