Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9110 Datasheet (PDF) - Renesas Technology Corp

AV9110 Datasheet PDF - Renesas Technology Corp
Part # AV9110
Download  AV9110 Download
File Size   650.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serially Programmable Frequency Generator

AV9110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9110 Datasheet PDF - Renesas Technology Corp

Part # AV9110
Download  AV9110 Click to download

File Size   650.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serially Programmable Frequency Generator

AV9110 Datasheet (HTML) - Renesas Technology Corp


AV9110 Product details

Features
• Complete user programmability of output frequency
through serial input data port
• On-chip Phase-Locked Loop for clock generation
• Generates accurate frequencies up to 130 MHz
• Tristate CMOS outputs
• 5 volt power supply
• Low power CMOS technology
• 14-pin DIP or 150-mil SOIC
• Very low jitter
• Wide operating range VCO




Similar Part No. - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-01CN14 ICST-AV9110-01CN14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-01CS14 ICST-AV9110-01CS14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-02CN14 ICST-AV9110-02CN14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-02CS14 ICST-AV9110-02CS14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
More results


Similar Description - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com