Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9161A Datasheet (PDF) - Integrated Circuit Systems

ICS9161A Datasheet PDF - Integrated Circuit Systems
Part # ICS9161A
Download  ICS9161A Download
File Size   452.92 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Programmable Graphics Frequency Generator

ICS9161A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9161A Datasheet PDF - Integrated Circuit Systems

Part # ICS9161A
Download  ICS9161A Click to download

File Size   452.92 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Programmable Graphics Frequency Generator

ICS9161A Datasheet (HTML) - Integrated Circuit Systems


ICS9161A Product details

General Description
The ICS9161A is a fully programmable graphics clock generator. It can generate user-specified clock frequencies using an externally generated input reference or a single crystal. The output frequency is programmed by entering a 24-bit digital word through the serial port. Two fully user programmable phase-locked loops are offered in a single package. One PLL is designed to drive the memory clock, while the second drives the video clock. The outputs may be changed on-the-fly to any desired frequency between 390 kHz and 120 MHz. The ICS9161A is ideally suited for any design where multiple or varying frequencies are required.

Features
• Pin-for-pin and function compatible with ICD2061A
• Dual programmable graphics clock generator
• Memory and video clocks are individually programmable on-the-fly
• Ideal for designs where multiple or varying frequencies are required
• Increased frequency resolution from optional predivide by 2 on the M counter
• Output enable feature available for tristating outputs
• Independent clock outputs range from 390 kHz to 120 MHz for VDD >4.75V
• Power-down capabilities
• Low power, high speed 0.8µ CMOS technology
• Glitch-free transitions
• Available in 16-pin, 300-mil SOIC or PDIP package




Similar Part No. - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
ICS9161A-01CN16LF RENESAS-ICS9161A-01CN16LF Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results


Similar Description - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com