Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9161A Datasheet (PDF) - Renesas Technology Corp

ICS9161A Datasheet PDF - Renesas Technology Corp
Part # ICS9161A
Download  ICS9161A Download
File Size   1073.07 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Programmable Graphics Frequency Generator

ICS9161A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9161A Datasheet PDF - Renesas Technology Corp

Part # ICS9161A
Download  ICS9161A Click to download

File Size   1073.07 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Programmable Graphics Frequency Generator

ICS9161A Datasheet (HTML) - Renesas Technology Corp


ICS9161A Product details

Features
• Pin-for-pin and function compatible with ICD2061A
• Dual programmable graphics clock generator
• Memory and video clocks are individually
programmable on-the-fly
• Ideal for designs where multiple or varying
frequencies are required
• Increased frequency resolution from optional predivide
by 2 on the M counter
• Output enable feature available for tristating outputs
• Independent clock outputs range from 390 kHz to
120 MHz for VDD >4.75V
• Power-down capabilities
• Low power, high speed 0.8μ CMOS technology
• Glitch-free transitions
• Available in 16-pin, 300-mil SOIC or PDIP package




Similar Part No. - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
ICS9161A-01CW16 ICST-ICS9161A-01CW16 Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
More results


Similar Description - ICS9161A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com