Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404 Datasheet (PDF) - Integrated Circuit Systems

ICS82C404 Datasheet PDF - Integrated Circuit Systems
Part # ICS82C404
Download  ICS82C404 Download
File Size   610.28 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Programmable Graphics Frequency Generator

ICS82C404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS82C404 Datasheet PDF - Integrated Circuit Systems

Part # ICS82C404
Download  ICS82C404 Click to download

File Size   610.28 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Programmable Graphics Frequency Generator

ICS82C404 Datasheet (HTML) - Integrated Circuit Systems


ICS82C404 Product details

General Description
The ICS82C404 is a fully programmable graphics clock generator. It can generate user specified clock frequencies using an externally generated input reference or by a single crystal. The output frequency is programmed by entering a 24-bit digital word through the serial port.

Features
• Pin-for-pin and function compatible with ICD’s version of the 82C404
• Dual programmable graphics clock generator
• Memory and video clocks are individually programmable “on-the-fly”
• Ideal for designs where multiple or varying frequencies are required
• Increased frequency resolution from optional pre-divideby-2 on the M counter
• Output enable feature available for tristating outputs
• Independent clock outputs range from 390 kHz to 120 MHz
• Operation up to 140 MHz available
• Power-down capabilities
• Low-power, high speed 0.8µ CMOS technology
• Glitch-free transitions
• Available in 16-pin PDIP or SOIC package




Similar Part No. - ICS82C404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
More results


Similar Description - ICS82C404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com