Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS82C404
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS82C404 Datasheet HTML 4Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 9Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 10Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 11Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0
°C to 70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40
°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics
VDD = +5V
± 5%, 0°C ≤ TAMBIENT ≤ +70°C unless otherwise stated
Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply voltage relative to GND
VDD
-0.5
7.0
Volts
Input voltage with respect to GND
VIN
-0.5
VDD +0.5
Volts
Operating temperature
TOPER
0+70
°C
Storage temperature
TSTOR
-65
+150
°C
Max soldering temperature (10 sec)
TSOL
+260
°C
Junction temperature
Tj
+125
°C
Package power dissipation
PDISS
350
mWatts
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
High level CMOS output voltage
VOH
IOH=-4ma
3.84
V
Low level output voltage
VOL
IOL=4ma
0.4
V
Input high current
IIH
VIH=5.25V
100
µA
Input low current
IIL
VIL=0V
-250
µA
Output leakage current
IOZ
(tristate)
10
µA
Power supply current
IDD
15
65
ma
Power supply current (typical)
IDD-TYP
@60 MHz
35
ma
Analog power supply current
IADD
20
ma
Power-down current (Mode 1)
IPD1
67.5
ma
Power-down current (Mode 2)
IPD2
25
50
µA
Input capacitance
CIN
10
pF
ICS82C404
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com