Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS82C404
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS82C404 Datasheet HTML 1Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 2Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 3Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 4Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ICS82C404RevA111095
Integrated
Circuit
Systems, Inc.
ICS82C404
Advance Information
General Description
The ICS82C404 is a fully programmable graphics clock gen-
erator. It can generate user specified clock frequencies using
an externally generated input reference or by a single crystal.
The output frequency is programmed by entering a 24-bit
digital word through the serial port.
Two fully user-programmable phase-locked loops are offered
in a single package. One PLL is designed to drive the memory
clock, while the second drives the video clock. The outputs
may be changed on-the-fly to any desired frequency between
390 kHz and 120 MHz. The ICS82C404 is ideally suited for
any design where multiple or varying frequencies are required.
This part is ideal for graphics applications. It generates low
jitter, high speed pixel clocks. It can be used to replace
multiple, expensive high speed crystal oscillators. The flexi-
bility of the device allows it to generate non-standard graph-
ics clocks.
The leader in the area of multiple clock output clocks on a
single chip, ICS has been shipping graphics frequency gener-
ators since October, 1990, and is constantly improving the
phase-locked loop. The ICS82C404 incorporates a patented
fourth generation PLL that offers the best jitter performance
available.
Features
•• Pin-for-pin and function compatible with ICD’s version
of the 82C404
•• Dual programmable graphics clock generator
•• Memory and video clocks are individually programmable
“on-the-fly”
•• Ideal for designs where multiple or varying frequencies
are required
•• Increased frequency resolution from optional pre-divide-
by-2 on the M counter
•• Output enable feature available for tristating outputs
•• Independent clock outputs range from 390 kHz to
120 MHz
•• Operation up to 140 MHz available
•• Power-down capabilities
•• Low-power, high speed 0.8µ CMOS technology
•• Glitch-free transitions
•• Available in 16-pin PDIP or SOIC package
Dual Programmable Graphics Frequency Generator
Block Diagram


Similar Part No. - ICS82C404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
More results

Similar Description - ICS82C404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Analog Devices
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com