Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS82C404
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS82C404 Datasheet HTML 1Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 2Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 3Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 4Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Control Register Definition
The control register allows the user to adjust various internal options. The register is defined as follows:
Bit
Bit Name
Default Value
Description
9
8
7
6
5
4
3
2
1
C5
C4
C3
C2
C1
C0
NS2
NS1
NS0
0
0
0
0
1
0
0
0
0
This bit determines which power-down mode the PD pin will
implement. Power-down mode 1, C5=0, forces the MCLK signal to
be a function of the power-down register. Power-down mode 2,
C5=1, turns off the crystal and disables all outputs.
This bit determines which clock is multiplexed to VCLK during
frequency changes. C4=0 multiplexes the reference frequency to the
VCLK output. C4=1 multiplexes MCLK to the VCLK output for
applications where the graphics controller cannot run as slow as
fREF.
This bit determines the length of the time-out interval. The time-out
interval is derived from the MCLK VCO. If this VCO is
programmed to certain extremes, the time-out interval maybe too
short. C3=0, normal time-out. C3=1, doubled time-out interval.
Reserved, must be set to 0.
This bit adjusts the duty cycle. C1=0 causes a 1ns decrease in
output high time. C1=1 causes no adjustment. If the load
capacitance is high, the adjustment can bring the duty cycle closer
to 50%.
Reserved, must be set to 0.
Acts on register 2. NS2=0 prescales the N counter by 2.
NS2=1 prescales the P counter value to 4.
Acts on register 1. NS1=0 prescales the N counter by 2.
NS1=1 prescales the P counter value to 4.
Acts on register 0. NS0=0 prescales the P counter by 2.
NS0=1 prescales the P counter value to 4.
ICS82C404
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com