Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS82C404
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS82C404 Datasheet HTML 1Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 2Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 3Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 4Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Configuration
SEL0/CLK
1
16
PD
SEL1/DATA
2
15
EXTSEL
VDD
3
14
INIT1
OE
4
13
VDD
GND
5
12
INIT0
X1
6
11
EXTCLK
X2
7
10
FPMODE
MCLK
8
9
VCLK
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
SEL0-CLK
Clock input in serial programming mode.
Clock select pin in operating mode.
2
SEL1-DATA
Data input in serial programming mode.
Clock select pin in operating mode.
3
AVDD
Power.
4
OE
Tristates outputs when low.
5
GND
Ground.
6
X1
Crystal input.
7
X2
Crystal output.
8
MCLK
Memory clock output.
9
VCLK
Video clock output.
10
FPMODE
Clock select input used to force REG2 programmed frequency.
11
EXTCLK
External clock input.
12
INIT0
Selects initial power-up conditions, LSB.
13
VDD
Power.
14
INIT1
Selects initial power-up conditions, MSB.
15
EXTSEL
Selects external clock input (EXTCLK) as VCLK output.
16
PD
Power-down pin, active low.
16-Pin PDIP or SOIC
ICS82C404
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com