Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9110 Datasheet (PDF) - Integrated Circuit Systems

AV9110 Datasheet PDF - Integrated Circuit Systems
Part # AV9110
Download  AV9110 Download
File Size   267.99 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Serially Programmable Frequency Generator

AV9110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9110 Datasheet PDF - Integrated Circuit Systems

Part # AV9110
Download  AV9110 Click to download

File Size   267.99 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Serially Programmable Frequency Generator

AV9110 Datasheet (HTML) - Integrated Circuit Systems


AV9110 Product details

General Description

The AV9110 generates user specified clock frequencies using an externally generated input reference, such as 14.318 MHz or 10.00 MHz crystal connected between pins 1 and 14. Alternately, a TTL input reference clock signal can be used. The output frequency is determined by a 24-bit digital word entered through the serial port. The serial port enables the user to change the output frequency on-the-fly.

The clock outputs utilize CMOS level output buffers that operate up to 130 MHz.



Features

• Complete user programmability of output frequency through serial input data port

• On-chip Phase-Locked Loop for clock generation

• Generates accurate frequencies up to 130 MHz

• Tristate CMOS outputs

• 5 volt power supply

• Low power CMOS technology

• 14-pin DIP or 150-mil SOIC

• Very low jitter

• Wide operating range VCO



Applications

  Graphics: The AV9110 generates low jitter, high speed pixel (or dot) clocks. It can be used to replace multiple expensive high speed crystal oscillators. The flexibility of this device allows it to generate nonstandard graphics clocks, allowing the user to program frequencies on-the-fly.



 




Similar Part No. - AV9110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-01CN14LF RENESAS-AV9110-01CN14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-01CS14LF RENESAS-AV9110-01CS14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-02CN14LF RENESAS-AV9110-02CN14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
AV9110-02CS14LF RENESAS-AV9110-02CS14LF Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Similar Description - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com