Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9161A Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9161A
Description  Dual Programmable Graphics Frequency Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9161A Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9161A Datasheet HTML 1Page - Integrated Circuit Systems ICS9161A Datasheet HTML 2Page - Integrated Circuit Systems ICS9161A Datasheet HTML 3Page - Integrated Circuit Systems ICS9161A Datasheet HTML 4Page - Integrated Circuit Systems ICS9161A Datasheet HTML 5Page - Integrated Circuit Systems ICS9161A Datasheet HTML 6Page - Integrated Circuit Systems ICS9161A Datasheet HTML 7Page - Integrated Circuit Systems ICS9161A Datasheet HTML 8Page - Integrated Circuit Systems ICS9161A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ICS9161A
Serial Programming Architecture
The pins SEL0 and SEL1 perform the dual functions of select-
ing registers and serial programming. In serial programming
mode, SEL0 acts as a clock pin while SEL1 acts as the data pin.
The ICS9161A-01 may not be serially programmed when in
power-down mode.
In order to program a particular register, an unlocking sequence
must occur. The unlocking sequence is detailed in the following
timing diagram:
Serial Data Register
The serial data is clocked into the serial data register in the
order described in Figure 1 below (Serial Data Timing).
The serial data is sent as follows: An individual data bit is
sampled on the rising edge of CLK. The complement of the
data bit must be sampled on the previous falling edge of CLK.
The setup and hold time requirements must be met on both
CLK edges. For specifics on timing, see the timing diagrams
on pages 10, 11 and 12.
The bits are shifted in this order: a start bit, 21 data bits, 3
address bits (which designate the desired register), and a stop
bit. A total of 24 bits must always be loaded into the serial data
register or an error is issued. Following the entry of the last
data bit, a stop bit or load command is issued by bringing
DATA high and toggling CLK high-to-low and low-to-high.
The unlocking mechanism then resets itself following the
load. Only after a time-out period are the SEL0 and SEL1 pins
allowed to return to a register selection function.
Since the VCLK registers are selected by the SEL0 and SEL1
pins, and since any change in their state may affect the output
frequency, new data input on the selection bits is only permitted
to pass through the decode logic after the watchdog timer has
timed out. This delay of SEL0 or SEL1 data permits a serial
program cycle to occur without affecting the current register
selection.
The unlock sequence consists of at least five low-to-high
transitions of CLK while data is high, followed immediately
by a single low-to-high transition while data is low. Following
this unlock sequence, data can be loaded into the serial data
register. This programming must include the start bit, shown
in Figure 1.
Following any transition of CLK or DATA, the watchdog
timer is reset and begins counting. The watchdog timer
ensures that successive rising edges of CLK and DATA do not
violate the time-out specification of 2ms. If a time-out
occurs, the lock mechanism is reset and the data in the serial
data register is ignored.
Figure 1: Serial Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com