Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8745BI Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS8745BI Datasheet HTML 13Page - Renesas Technology Corp ICS8745BI Datasheet HTML 14Page - Renesas Technology Corp ICS8745BI Datasheet HTML 15Page - Renesas Technology Corp ICS8745BI Datasheet HTML 16Page - Renesas Technology Corp ICS8745BI Datasheet HTML 17Page - Renesas Technology Corp ICS8745BI Datasheet HTML 18Page - Renesas Technology Corp ICS8745BI Datasheet HTML 19Page - Renesas Technology Corp ICS8745BI Datasheet HTML 20Page - Renesas Technology Corp ICS8745BI Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
17
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Package Outline and Package Dimensions
Package Outline - Y Suffix for 32 Lead LQFP
Table 9. Package Dimensions for 32 Lead LQFP
Reference Document: JEDEC Publication 95, MS-026
JEDEC Variation: BBC - HD
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
b
0.30
0.37
0.45
c
0.09
0.20
D & E
9.00 Basic
D1 & E1
7.00 Basic
D2 & E2
5.60 Ref.
e
0.80 Basic
L
0.45
0.60
0.75
θ
0°
7°
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com