Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7762
Description  625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7762 Datasheet HTML 17Page - Analog Devices AD7762 Datasheet HTML 18Page - Analog Devices AD7762 Datasheet HTML 19Page - Analog Devices AD7762 Datasheet HTML 20Page - Analog Devices AD7762 Datasheet HTML 21Page - Analog Devices AD7762 Datasheet HTML 22Page - Analog Devices AD7762 Datasheet HTML 23Page - Analog Devices AD7762 Datasheet HTML 24Page - Analog Devices AD7762 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7762
Rev. 0 | Page 21 of 28
DOWNLOADING A USER-DEFINED FILTER
EXAMPLE FILTER DOWNLOAD
As previously mentioned, the filter coefficients are 27 bits in
length; 1 sign and 26 magnitude bits. Because the AD7762
has a 16-bit parallel bus, the coefficients are padded with
5 MSB 0s to generate a 32-bit word and split into two 16-bit
words for downloading. The first 16-bit word for each coefficient
becomes (00000, Sign bit, Magnitude [25:16]), while the second
word becomes (Magnitude [15:0]). To ensure that a filter is
down-loaded correctly, a checksum must also be generated and
then downloaded following the final coefficient. The checksum
is a 16-bit word generated by splitting each 32-bit word into
4 bytes and summing all bytes from all coefficients up to a
maximum of 192 bytes (48 coefficients × 4 bytes). The same
checksum is generated internally in the AD7762 and compared
with the checksum downloaded. The DL_OK bit in the status
register is set if these two checksums agree.
The following is an example of downloading a short user-
defined filter with 24 taps. The frequency response is shown
in Figure 32.
10
–80
0
600
FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–60
–70
100
200
300
400
500
To download a user filter:
1.
Write to Control Register 1, setting the DL_Filt bit and
also the correct filter length bits corresponding to the
length of the filter to be downloaded (see Table 11).
Figure 32. 24-Tap FIR Frequency Response
2.
Write the first half of the current coefficient data
(00000, Sign bit, Magnitude [25:16]). The first coefficient
to be written must be the one adjacent to the point of filter
symmetry.
The coefficients for the filter are listed in Table 12 and are
shown from the center of symmetry outwards. The raw
coefficients were generated using a commercial filter
design tool and scaled appropriately so their sum equals
67108863 (0x3FF FFFF).
3.
Write the second half of the current coefficient data
(Magnitude [15:0]).
Table 12. 24-Tap FIR Coefficients
Coefficient
Raw
Scaled
4.
Repeat Step 2 and Step 3 for each coefficient.
1
0.365481974
53188232
2
0.201339905
29300796
5.
Write the 16-bit checksum.
3
0.009636604
1402406
6.
Use these methods to verify that the filter coefficients are
downloaded correctly:
4
−0.075708848
−11017834
5
−0.042856209
−6236822
6
0.019944246
2902466
a. Read the status register, checking the DL_OK bit.
7
0.036437914
5302774
b. Read data and observe the status of the DL_OK bit.
8
0.007592007
1104856
9
−0.021556583
−3137108
Note that because the user coefficients are stored in RAM, they
are cleared after a
10
−0.024888355
−3621978
RESET operation or a loss of power.
11
−0.012379538
−1801582
Table 11. Filter Length Values
12
−0.001905756
−277343
FLEN[3:0]
Number of Coefficients
Filter Length
0000
Default
Default
0001
6
12
0011
12
24
0101
18
36
0111
24
48
1001
30
60
1011
36
72
1101
42
84
1111
48
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com