Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EU Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC124EU
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EU Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC124EU Datasheet HTML 1Page - NXP Semiconductors PDTC124EU Datasheet HTML 2Page - NXP Semiconductors PDTC124EU Datasheet HTML 3Page - NXP Semiconductors PDTC124EU Datasheet HTML 4Page - NXP Semiconductors PDTC124EU Datasheet HTML 5Page - NXP Semiconductors PDTC124EU Datasheet HTML 6Page - NXP Semiconductors PDTC124EU Datasheet HTML 7Page - NXP Semiconductors PDTC124EU Datasheet HTML 8Page - NXP Semiconductors PDTC124EU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Developed especially for the automotive sector, 500 mA RETs combine a transistor
with two resistors to provide an optimal integrated solution for digital applications in
automotive systems, for example control units. Also an extensive portfolio with single
and double 100 mA RETs is available for standard small-signal digital applications.
Resistor-equipped transistors (RETs)
500 mA RETs
SOT23
SOT346 (SC-59A)
I
C max. (mA)
V
CEO max. (V)
R1 (kΩ)
R2 (kΩ)
NPN
PNP
NPN
PNP
500
50
1
1
PDTD113ET
PDTB113ET
PDTD113EK
PDTB113EK
2.2
2.2
PDTD123ET
PDTB123ET
PDTD123EK
PDTB123EK
1
10
PDTD113ZT
PDTB113ZT
PDTD113ZK
PDTB113ZK
2.2
10
PDTD123YT
PDTB123YT
PDTD123YK
PDTB123YK
100 mA RETs
SOT23
SOT323 (SC-70)
SOT363 (SC-88)
Configuration
single
double
I
C max. (mA)
V
CEO max. (V)
R1 (kΩ) R2 (kΩ)
NPN
PNP
NPN
PNP
NPN/NPN
NPN/PNP
PNP/PNP
100
50
2.2
2.2
PDTC123ET
PDTA123ET
PDTC123EU
PDTA123EU
PUMH20
PUMD20
PUMB20
4.7
4.7
PDTC143ET
PDTA143ET
PDTC143EU
PDTA143EU
PUMH15
PUMD15
PUMB15
10
10
PDTC114ET
PDTA114ET
PDTC114EU
PDTA114EU
PUMH11
PUMD3
PUMB11
22
22
PDTC124ET
PDTA124ET
PDTC124EU
PDTA124EU
PUMH1
PUMD2
PUMB1
47
47
PDTC144ET
PDTA144ET
PDTC144EU
PDTA144EU
PUMH2
PUMD12
PUMB2
100
100
PDTC115ET
PDTA115ET
PDTC115EU
PDTA115EU
PUMH24
PUMD24
PUMB24
2.2
10
PDTC123YT
PDTA123YT
PDTC123YU
PDTA123YU
2.2
47
PDTC123JT
PDTA123JT
PDTC123JU
PDTA123JU
PUMH10
PUMD10
PUMB10
4.7
10
PDTC143XT
PDTA143XT
PDTC143XU
PDTA143XU
PUMH18
PUMD18
PUMB18
4.7
47
PDTC143ZT
PDTA143ZT
PDTC143ZU
PDTA143ZU
PUMH13
PUMD13
PUMB13
10
47
PDTC114YT
PDTA114YT
PDTC114YU
PDTA114YU
PUMH9
PUMD9
PUMB9
22
47
PDTC124XT
PDTA124XT
PDTC124XU
PDTA124XU
PUMH16
PUMD16
PUMB16
47
10
PDTC144VT
PDTA144VT
PDTC144VU
PDTA144VU
47
22
PDTC144WT
PDTA144WT
PDTC144WU
PDTA144WU
PUMH17
PUMD17
PUMB17
2.2
-
PDTC123TT
PDTA123TT
PDTC123TU
PDTA123TU
PUMH30
PUMD30
PUMB30
4.7
-
PDTC143TT
PDTA143TT
PDTC143TU
PDTA143TU
PUMH7
PUMD6
PUMB3
10
-
PDTC114TT
PDTA114TT
PDTC114TU
PDTA114TU
PUMH4
PUMD4
PUMB4
22
-
PDTC124TT
PDTA124TT
PDTC124TU
PDTA124TU
PUMH19
PUMD19
PUMB19
47
-
PDTC144TT
PDTA144TT
PDTC144TU
PDTA144TU
PUMH14
PUMD14
PUMB14
100
-
PDTC115TT
PDTA115TT
PDTC115TU
PDTA115TU
bra182
R1
control
input
power
supply
R2
R3
R4
Rload
Tr1
Tr2
Key features
- Transistor and two resistors integrated in
one package
- Initial 500 mA portfolio with several resistor
combinations in SOT23 and SOT346 (SC-59A)
- Further resistor combinations and double
versions are planned
Key benefits
- Lower handling and inventory costs
- Reduced boardspace requirements
- Shorter assembly times and reduced
pick-and-place efforts
- Simpler design process
- Increased end product reliability due to
fewer soldering points
Key applications
- Digital applications
- Switching loads, e.g. for instrument clusters
- Controlling IC inputs, e.g. in engine
control units
High side switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com