Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EU Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC124EU
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EU Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC124EU Datasheet HTML 4Page - NXP Semiconductors PDTC124EU Datasheet HTML 5Page - NXP Semiconductors PDTC124EU Datasheet HTML 6Page - NXP Semiconductors PDTC124EU Datasheet HTML 7Page - NXP Semiconductors PDTC124EU Datasheet HTML 8Page - NXP Semiconductors PDTC124EU Datasheet HTML 9Page - NXP Semiconductors PDTC124EU Datasheet HTML 10Page - NXP Semiconductors PDTC124EU Datasheet HTML 11Page - NXP Semiconductors PDTC124EU Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
With their optimized diode structure, Philips’ ESD protection diodes offer a superior size / performance ratio
with outstanding ESD protection of automotive electronics. A wide portfolio is available for protection of all
interfaces in automotive electronics; from general line-protection for engine/body -controllers up to specific
devices for protection of USB-interfaces or antenna-inputs in car entertainment applications.
ESD protection diodes
Number of lines
SOT23
SOD323 (SC-76)
uni-
bi-
I
RM max. @ VRWM
Configuration
directional
µA
V
C max. pF
P
PP max.W
bra526
15 V
24 V
1
2
1
0.05
15
13
160
PESD1LIN
0.05
24
mse213
1
2
3
2
0.05
24
17
200
PESD1CAN
bra004
1
2
3
2
1
1
5
200
260
PESD5V0S2UAT
2
1
0.05
12
75
180
PESD12VS2UAT
2
1
0.05
24
50
160
PESD24VS2UAT
mse212
1
2
3
2
1
1
5.25
200
260
PESD5V2S2UT
2
1
1
12
75
180
PESD12VS2UT
2
1
1
24
50
160
PESD24VS2UT
mse211
1
2
1
1
5
65
500
PESD5V0L1BA
1
0.05
12
13
200
PESD12VL1BA
1
0.05
24
9
200
PESD24VL1BA
Key features
- Excellent ESD clamping performance
- Ultra low leakage current
- Low device capacitance
- ESD protection up to 30 kV
- IEC 61000-4-2, level 4 compliant (8 kV
contact, 15 kV air discharge)
Key benefits
- Optimized diode structure for best-in-class
ESD protection of today’s sensitive
car electronics
- Low clamping voltages and fast response
times ensure optimal protection
- Ultra low leakage current helps to reduce
overall power consumption
- Low device capacitance keeps unwanted
disturbances in the circuits to a minimum
Key applications
- Data and audio interfaces,
e.g. car multimedia line protection
- Overvoltage protection,
e.g. airbag controllers
- Car drivers interface protection,
e.g. dashboard panels
- CAN and LIN bus protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com