Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M Datasheet(PDF) 1 Page - Recom International Power

Part # R2M
Description  2 Watt DIP8 & SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2M Datasheet(HTML) 1 Page - Recom International Power

  R2M Datasheet HTML 1Page - Recom International Power R2M Datasheet HTML 2Page - Recom International Power R2M Datasheet HTML 3Page - Recom International Power R2M Datasheet HTML 4Page - Recom International Power R2M Datasheet HTML 5Page - Recom International Power R2M Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-power.com
REV.: 2/2023
ECO-1
DC/DC Converter
2 Watt
DIP8 & SMD
Single & Dual
Output
Description
Features
Regulated
Converters
• 2W power in SMD or DIP8 package
• 4:1 Input voltage range
• Efficiency up to 81%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +85°C at full load
• Continuous short circuit protected
R2M
Selection Guide
Model Numbering
YEAR
arrant
3
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Case Style
Single/Dual
nom. Input Voltage
nom. Output Voltage
R2M-
/
Part
Input
nom. Output
Output
Efficiency
max. Capacitive
Number
Voltage Range (1)
Voltage
Current
typ. (2)
Load (3)
[VDC]
[VDC]
[mA]
[%]
[µF]
R2M-xx3.3S
4.5-18, 9-36, 18-75
3.3
500
77-78
2200
R2M-xx05S
4.5-18, 9-36, 18-75
5
400
78-79
1000
R2M-xx09S
4.5-18, 9-36, 18-75
9
222
79
660
R2M-xx12S
4.5-18, 9-36, 18-75
12
167
81
550
R2M-xx15S
4.5-18, 9-36, 18-75
15
134
81
440
R2M-xx24S
4.5-18, 9-36, 18-75
24
83
80
200
R2M-xx05D
4.5-18, 9-36, 18-75
±5
±200
77
±660
R2M-xx12D
4.5-18, 9-36, 18-75
±12
±83
80
±330
R2M-xx15D
4.5-18, 9-36, 18-75
±15
±67
81
±200
Notes:
Note1: Refer to
“Input Voltage Range”
Note2: Efficiency is tested at nominal input and full load at +25°C ambient
Note3: Max Cap Load is tested at nominal input and full resistive load
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. VIN= 12VDC
4.5VDC
12VDC
18VDC
nom. VIN= 24VDC
9VDC
24VDC
36VDC
nom. VIN= 48VDC
18VDC
48VDC
75VDC
Input Surge Voltage
1 second max.
nom. VIN= 12VDC
25VDC
nom. VIN= 24VDC
50VDC
nom. VIN= 48VDC
100VDC
continued on next page
Notes:
Note4: add suffix “/SMD” for SMD version, or leave blank for DIP8 THT version.
The R2M is an isolated 2W DC/DC converter in a compact SMD package or DIP8 package
available with 4:1 inputs covering 5, 12, 24, and 48V rails providing single or dual regulated, short-circuit
protected outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the
operating temperature is from -40°C up to +85°C without derating. Class A and Class
B EMC conformity requires only a few external components. Standard packaging is tube.


Similar Part No. - R2M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R2M SANKEN-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shanghai Sunrise Electr...
R2M SSE-R2M Datasheet
13Kb / 1P
OVER VOLTAGE PROTACTION DIODE
logo
List of Unclassifed Man...
R2M ETC-R2M Datasheet
12Kb / 1P
Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
R2M LUGUANG-R2M Datasheet
197Kb / 1P
Over Vlotage Protaction Diodes
More results

Similar Description - R2M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
1.25 Watt DIP8 Single Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com