Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2M Datasheet(PDF) 3 Page - Recom International Power

Part # R2M
Description  2 Watt DIP8 & SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2M Datasheet(HTML) 3 Page - Recom International Power

  R2M Datasheet HTML 1Page - Recom International Power R2M Datasheet HTML 2Page - Recom International Power R2M Datasheet HTML 3Page - Recom International Power R2M Datasheet HTML 4Page - Recom International Power R2M Datasheet HTML 5Page - Recom International Power R2M Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 2/2023
ECO-3
DC/DC Converter
R2M
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Efficiency vs. Load
Efficiency vs. Load
R2M-1212S/THT
R2M-2405D/THT
Power Dissipation vs. Load
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
9Vin
12Vin
15Vin
18Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
18Vin
27Vin
36Vin
0.5
0.6
0.3
0.7
0.4
0.1
0.2
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
9Vin
12Vin
15Vin
18Vin
0.5
0.3
0.8
0.7
0.6
0.4
0.1
0.2
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
18Vin
27Vin
36Vin
ON/OFF CTRL
+V
out
+V
in
CTRL
-V
out
-V
in
-Vout
+Vout
-Vin
+Vin
VCTRL
1k
Ω
DC-DC ON
Open or high impedance
DC-DC OFF
2.0mA to 4.0mA max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com