Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2881 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC2881
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2881 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC2881 Datasheet HTML 1Page - Nanjing International Group Co 2SC2881 Datasheet HTML 2Page - Nanjing International Group Co 2SC2881 Datasheet HTML 3Page - Nanjing International Group Co 2SC2881 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN Silicon Epitaxial Planar Transistor
2SC2881
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
120
V
Collector-emitter breakdown voltage V(BR)CEO
IC=10mA,IB=0
120
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=120V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=5V,IC=100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
1
V
Base-emitter voltage
VBE
VCE=5V, IB=500mA
1
V
Transition frequency
fT
VCE=5V,Ic=100mA
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
30
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
80-160
120-240
MARKING
CO1
CY1
www.dgnjdz.com
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com