Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2881 Datasheet (PDF) - Nanjing International Group Co

2SC2881 Datasheet PDF - Nanjing International Group Co
Part # 2SC2881
Download  2SC2881 Download
File Size   480.2 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

2SC2881 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2881 Datasheet PDF - Nanjing International Group Co

Part # 2SC2881
Download  2SC2881 Click to download

File Size   480.2 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

2SC2881 Datasheet (HTML) - Nanjing International Group Co


2SC2881 Product details

FEATURES
High voltage:VCEO=120V
High transition frequency;fT=120MHz.
PC=500mW.
Complements the 2SA1201.
APPLICATIONS
Power and voltage amplifier application.




Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2881 HTSEMI-2SC2881 Datasheet
340Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com