Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR533L-25-TN5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR533L-25-TN5-R
Description  5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR533L-25-TN5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR533L-25-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UR533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-026,B
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220-5
TO-252-5
TO-263-5
15 :1.5V
25 :2.5V
AD:ADJ
12 3
UTC
UR533
VOLTAGE CODE
DATE CODE
45
PIN DESCRITIONS
PIN NO
PIN NAME
DESCRITION
1
VSENSE
Remote Voltage Sense.
2
ADJ/GND
Adjust for UR533-ADJ, the output voltage determined by feedback voltage.
Ground for fixed output products(UR533-xx)
3
VOUT
Output Voltage.
4
VCNTL
Control Voltage.
5
VIN
Input Voltage.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220-5
3
TO-252-5
8
Thermal Resistance Junction-Case
TO-263-5
θJC
4
℃
/W
BLOCK DIAGRAM
5
4
3
1
2
Current
Limit
Voltage Loop
Amplifier
VREF
Thermal
Shutdown
VCNTL, CONTROL
VIN, POWER
OUTPUT
SENSE
ADJ/GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com