Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR533L-25-TN5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR533L-25-TN5-R
Description  5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR533L-25-TN5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR533L-25-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR533L-25-TN5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UR533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-026,B
TYPICAL PERFOMANCE CHARACTERISTICS
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
25
75
125
175
Junction Temperature (°C)
Load Regulation vs Temperature
Δ
I=5A
150
100
50
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
2
3
4
5
Output Current (A)
Dropout Voltage vs Output Current
Ta=0°C
Ta=25°C
Ta=125°C
1.225
1.230
1.240
1.250
1.260
1.265
1.275
25
75
125
175
Junction Temperature (°C)
Reference Voltage vs Temperature
150
100
50
0
UR533-ADJ
1.270
1.235
1.245
1.255
3
5
7
9
11
25
100
175
Junction Temperature (°C)
Short-Circuit Current vs Temeperature
125
75
UR533-ADJ
0150
50
0
20
40
70
90
10k
Frequency (HZ)
Ripple Rejection vs Frequency
100
10
100k
1k
(VIN—VOUT) ≤ 3V
0.5V ≤ VRIPPLE ≤ 2V
IOUT = 5A
80
60
50
30
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com