Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG540AP/883 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG540AP/883
Description  Wideband/Video T Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540AP/883 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG540AP/883 Datasheet HTML 2Page - Vishay Siliconix DG540AP/883 Datasheet HTML 3Page - Vishay Siliconix DG540AP/883 Datasheet HTML 4Page - Vishay Siliconix DG540AP/883 Datasheet HTML 5Page - Vishay Siliconix DG540AP/883 Datasheet HTML 6Page - Vishay Siliconix DG540AP/883 Datasheet HTML 7Page - Vishay Siliconix DG540AP/883 Datasheet HTML 8Page - Vishay Siliconix DG540AP/883 Datasheet HTML 9Page - Vishay Siliconix DG540AP/883 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DG540/541/542
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Charge Injection vs. VS
Switching Times vs. Temperature
(DG540/541)
Off Isolation vs. Frequency and Load Resistance
(DG540)
All Hostile Crosstalk
f – Frequency (MHz)
f – Frequency (MHz)
VS – Source Voltage (V)
Temperature (
_C)
1
10
100
DG541
DG540
DG542
40
30
20
10
0
–10
–20
–30
–40
–3
–2
–1
0
1
2
3
4
5
6
7
8
CL = 1000 pF
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
RL = 75 W
1 k
W
10 k
W
180
W
90
70
60
50
40
30
20
10
0
–55
–25
125
80
tON
tOFF
0
25
50
75
100
Switching and Break-Before-Make Time
vs. Temperature (DG542)
Temperature (
_C)
90
70
60
50
40
30
20
10
0
–55
–25
125
80
0
25
50
75
100
tON
tOFF
tBBM
Operating Supply Voltage Range
V– – Negative Supply (V)
20
18
16
14
12
10
0
–1
–2–3
–4–5–6
Operating
Voltage
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com