Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG540AP/883 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG540AP/883
Description  Wideband/Video T Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540AP/883 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG540AP/883 Datasheet HTML 3Page - Vishay Siliconix DG540AP/883 Datasheet HTML 4Page - Vishay Siliconix DG540AP/883 Datasheet HTML 5Page - Vishay Siliconix DG540AP/883 Datasheet HTML 6Page - Vishay Siliconix DG540AP/883 Datasheet HTML 7Page - Vishay Siliconix DG540AP/883 Datasheet HTML 8Page - Vishay Siliconix DG540AP/883 Datasheet HTML 9Page - Vishay Siliconix DG540AP/883 Datasheet HTML 10Page - Vishay Siliconix DG540AP/883 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DG540/541/542
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-8
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
TEST CIRCUITS
S2
S3
S4
X
TALK(AH) + 20 log10
V
OUT
V
IN
VO
10
W
RL
75
W
INX
S1
V+
V–
+15 V
–15 V
C
C
GND
2.4 V
D2
D3
D1
D4
RL
RL
RL
FIGURE 6. All Hostile Crosstalk
APPLICATIONS
Device Description
The DG540/541/542 family of wideband switches offers true
bidirectional switching of high frequency analog or digital
signals with minimum signal crosstalk, low insertion loss, and
negligible non-linearity distortion and group delay.
Built on the Siliconix D/CMOS process, these “T” switches
provide excellent off-isolation with a bandwidth of around
500 MHz (350 MHz for DG541). Silicon-gate D/CMOS
processing also yields fast switching speeds.
An on-chip regulator circuit maintains TTL input compatibility
over the whole operating supply voltage range, easing control
logic interfacing.
Circuit layout is facilitated by the interchangeability of source
and drain terminals.
Frequency Response
A single switch on-channel exhibits both resistance [rDS(on)]
and capacitance [CS(on)]. This RC combination has an
attenuation effect on the analog signal – which is frequency
dependent (like an RC low-pass filter). The –3-dB bandwidth
of the DG540 is typically 500 MHz (into 50
W). This measured
figure of 500 MHz illustrates that the switch channel can not
be represented by a two stage RC combination. The on
capacitance
of
the
channel
is
distributed
along the
on-resistance, and hence becomes a more complex multi
stage network of R’s and C’s making up the total rDS(on) and
CS(on). See Application Note AN502 for more details.
Off-Isolation and Crosstalk
Off-isolation and crosstalk are affected by the load resistance
and
parasitic
inter-electrode
capacitances.
Higher
off-isolation is achieved with lower values of RL. However, low
values of RL increase insertion loss requiring gain adjustments
down the line. Stray capacitances, even a fraction of 1 pF, can
cause a large crosstalk increase. Good layout and ground
shielding techniques can considerably improve your ac circuit
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com