Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 2 Page - International Rectifier

Part # DF06M
Description  1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

DF06M Datasheet(HTML) 2 Page - International Rectifier

  DF06M Datasheet HTML 1Page - International Rectifier DF06M Datasheet HTML 2Page - International Rectifier DF06M Datasheet HTML 3Page - International Rectifier DF06M Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF SERIES
Bulletin U2788 rev. G 04/03
2
www.irf.com
Fig. 3 - Current Ratings
Part Number
V
RRM
. Maximum repetitive
VRSM. Maximum non-
peak reverse
repetitive peak
voltage
reverse voltage
VV
DF005M/DF005S
50
80
DF01M/DF01S
100
150
DF02M/DF02S
200
300
DF04M/DF04S
400
500
DF06M/DF06S
600
700
DF08M/DF08S
800
900
DF10M/DF10S
1000
1100
Voltage Specifications
Fig. 1 - Forward Characteristics
Fig. 2 - Power Loss Characteristics
Fig. 4 - Non-Repetititive Surge Ratings
Instantaneous Forward Voltage (V)
Average Output Current (A)
Maximum Allowable Ambient Temperature (°C)
Pulse Train Duration (s)
100
10
1
0.1
0
0.4
0.8
1.2
1.6
2.0
Tj = 25˚C
Tj = 150˚C
DF...
Per Junction
0
0.2
0.4
0.6
0.8
1.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
= 180˚
DF...
Capacitive Load
0
20
40
60
80
100 120 140 160
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Resistive Load
DF...
50Hz
10
10
1
10
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
- 2
- 1
DF...



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com