Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet (PDF) - International Rectifier

DF06M Datasheet PDF - International Rectifier
Part # DF06M
Download  DF06M Download
File Size   67.88 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)

DF06M Datasheet (PDF)

Go To PDF Page Download Datasheet
DF06M Datasheet PDF - International Rectifier

Part # DF06M
Download  DF06M Click to download

File Size   67.88 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)

DF06M Datasheet (HTML) - International Rectifier


DF06M Product details

Description

The DF Series of Single Phase Rectifier Bridges consists of four silicon junctions encapsulated in a 4 pin D.I.L. package. These devices are intended for general use in industrial and consumer equipment.



Features

• Glass passivated chips

• Leads on standard 0.1" grid

• Suitable for automatic insertion

• High surge current capability

• Fully characterised data

• Wide temperature range

• Surface mount option

• Lead free terminals solderable as per MIL-STD-750 Method 2026

• High temperature soldering guaranteed 260°C/8-10 secs

• Polarity symbols marked on the case

• UL E160375 approved



 




Similar Part No. - DF06M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF06M FAIRCHILD-DF06M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF06M DIODES-DF06M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Fuji Electric
DF06M FUJI-DF06M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
General Semiconductor
DF06M GE-DF06M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Comchip Technology
DF06M COMCHIP-DF06M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
More results


Similar Description - DF06M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
International Rectifier
1BQ20 IRF-1BQ20 Datasheet
117Kb / 2P
1A SINGLE PHASE D.I.L SCHOTTKY BRIDGE
logo
Gulf Semiconductor
DB101 GULFSEMI-DB101 Datasheet
67Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DB101S GULFSEMI-DB101S Datasheet
93Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DF005S GULFSEMI-DF005S Datasheet
84Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
LLB005 GULFSEMI-LLB005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com