Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 3 Page - International Rectifier

Part # DF06S
Description  1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

DF06S Datasheet(HTML) 3 Page - International Rectifier

  DF06S Datasheet HTML 1Page - International Rectifier DF06S Datasheet HTML 2Page - International Rectifier DF06S Datasheet HTML 3Page - International Rectifier DF06S Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
DF SERIES
Bulletin U2788 rev. G 04/03
www.irf.com
All dimensions in millimetres(inches)
DF..S
DF..M
3.5(0.138)
1.5(0.059)
1.5(0.059)
Footprint and Pad Dimensions
6.40(0.252)
6.10(0.240)
6.40(0.252)
6.10(0.240)
8.40(0.331)
8.10(0.319)
8.40(0.331)
8.10(0.319)
3.30(0.130)
3.10(0.122)
3.30(0.130)
3.10(0.122)
1.2(0.047)
1.0(0.040)
1.2(0.047)
1.0(0.040)
0.51(0.020)
0.41(0.016)
1.40(0.055)
1.14(0.045)
1.40(0.055)
1.14(0.045)
5.33(0.210)
4.83(0.210)
2.00(0.079)
16.0(0.630)
330(12.99)
3.50(0.138)
Identification Label
Unreel Direction
5.33(0.210)
4.83(0.210)
2.80(0.110)
1.60(0.063)
8.13(0.320)
7.11(0.280)
8.38(0.330)
7.62(0.300)
10.4 (0.409)
Max.
5.10(0.201)
Max.
+
+
9a
9b
Tape Reel
2.1(0.083)
1.9(0.075)
1.60(0.063)
1.50(0.060)
16.3(0.642)
15.7(0.618)
7.6(0.299)
7.4(0.291)
10.70(0.421)
12.10(0.476)
11.90(0.469)
3.8(0.150)
8.7(0.343)
5o
4.10(0.161)
3.90(0.154)
0.35(0.014)
0.25(0.010)
dia.
Tape Colour - Black
2.0(0.079)
2.0(0.079)
8.0(0.315)
Tape Reel Dimensions for DF15...TRR16
0.30(0.012)
Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com