Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 1 Page - International Rectifier

Part # DF06S
Description  1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

DF06S Datasheet(HTML) 1 Page - International Rectifier

  DF06S Datasheet HTML 1Page - International Rectifier DF06S Datasheet HTML 2Page - International Rectifier DF06S Datasheet HTML 3Page - International Rectifier DF06S Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF...
Units Conditions
I
O
Maximum DC output
1.0
A
Tamb = 40
oC, Resistive or inductive load
current
0.8
A
Tamb = 40
oC, Capacitive load
I
FSM
Maximum peak one
30
A
t = 10ms, 20ms
Following any rated
cycle, non-repetitive
31
A
t = 8.3ms, 16.7ms
load condition and with
surge current
rated VRRM reapplied
I
2t
Maximum I
2t capability
4.5
A
2s
t = 10ms
Initial T
J
= T
J
max
for fusing
4.1
A
2s
t = 8.3ms
100% VRRM reapplied
6.4
A
2s
t = 10ms
Initial T
J
= T
J
max
5.8
A2s
t = 8.3ms
no voltage reapplied
I
2
√t
Maximum I
2
√t64
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
capability for fusing
V
FM
Maximum peak forward
1.0
V
I
FM
= 1.0A, T
J
= 25oC
voltage per diode
I
RM
Typical peak reverse
5
µA
TJ = 25
oC, 100% V
RRM
leakage per diode
100
µA
TJ = 150
oC, 100% VRRM
f
Operating frequency
50 to 1000
Hz
range
V
RRM
Maximum repetitive peak
50 to 1000
V
reverse voltage range
DF...
Units
Conditions
T
J
Operating and storage
- 55 to 150
oC
Tstg
temperature range
R
thJA
Thermal resistance,
60
K/W
junctions to ambient
W
Approximate weight
0.6 (0.02)
g (oz)
I
O(av) = 1.0 A
V
RRM range
50 to 1000V
Bulletin U2788 rev. G 04/03
DF SERIES
1A Single Phase D.I.L. Rectifier Bridge
+
-
~
~
I
O(av)
Electrical Specification
Thermal and Mechanical Specifications
The DF Series of Single Phase Rectifier Bridges
consists of four silicon junctions encapsulated in a 4
pin D.I.L. package. These devices are intended for
general use in industrial and consumer equipment.
Description
1
www.irf.com
• Glass passivated chips
• Leads on standard 0.1" grid
• Suitable for automatic insertion
• High surge current capability
• Fully characterised data
• Wide temperature range
• Surface mount option
• Lead free terminals solderable as per
MIL-STD-750 Method 2026
• High temperature soldering guaranteed 260°C/8-10 secs
• Polarity symbols marked on the case
• UL E160375 approved
Features


Similar Part No. - DF06S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF06S WTE-DF06S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF06S ZOWIE-DF06S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF06S JGD-DF06S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF06S SSE-DF06S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF06S FAIRCHILD-DF06S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF06S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
International Rectifier
1BQ20 IRF-1BQ20 Datasheet
117Kb / 2P
1A SINGLE PHASE D.I.L SCHOTTKY BRIDGE
logo
Gulf Semiconductor
DB101 GULFSEMI-DB101 Datasheet
67Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DB101S GULFSEMI-DB101S Datasheet
93Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DF005S GULFSEMI-DF005S Datasheet
84Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
LLB005 GULFSEMI-LLB005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com