Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-156DS-R13-170 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF-156DS-R13-170
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-156DS-R13-170 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  MF-156DS-R13-170 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-156DF-T12-20x/29x/23x
MF-156DS-R13-17x
SONET/SDH TRANSMITTER & RECIEVER
NOTE
NOTE1: PECL Input Interface
NOTE2:
Transmitter disable Interface
Transmitter
13Kohm
47Kohm
PECL
Data
Data
OFF
comparator
Transmitter
Disable Input
Optical Output
Transmitter
Td
Vcc
0V
The transmitter is normally enabled and only requires an external voltage to disable.
HCMOS
ON



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com