Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-156DS-R13-170 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # MF-156DS-R13-170
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-156DS-R13-170 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  MF-156DS-R13-170 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-156DS-R13-170 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-156DF-T12-20x/29x/23x
MF-156DS-R13-17x
SONET/SDH TRANSMITTER & RECIEVER
NOTE3: Laser bias / Laser backface monitor Interface.
NOTE4: PECL Output
interface
Laser bias
current monitor
Laser
backface
current monitor
10ohm
3Kohm
3Kohm
200ohm
3Kohm
3Kohm
Transmitter
LD
Module
A.P.C.
Curcuit
PD
LD
Receiver
Data / Clock
PECL
0.1uF
Vcc-2V
Data / Clock
Receiver
Data / Clock
0.1uF
0.1uF
Data / Clock



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com