Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2298CUP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 3Page - Linear Technology LTC2298CUP Datasheet HTML 4Page - Linear Technology LTC2298CUP Datasheet HTML 5Page - Linear Technology LTC2298CUP Datasheet HTML 6Page - Linear Technology LTC2298CUP Datasheet HTML 7Page - Linear Technology LTC2298CUP Datasheet HTML 8Page - Linear Technology LTC2298CUP Datasheet HTML 9Page - Linear Technology LTC2298CUP Datasheet HTML 10Page - Linear Technology LTC2298CUP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2298/LTC2297/LTC2296
7
229876f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2298: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2298: SNR and SFDR vs
Clock Duty Cycle, 65Msps
LTC2298: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2298: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2298: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2298: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2298: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2298 G10
50
100
200
SAMPLE RATE (Msps)
50
110
100
90
80
70
60
100
2298 G11
60 70 80 90
010 20 30 40
110
CLOCK DUTY CYCLE (%)
2298 G12
100
95
90
85
80
75
70
30
40
50
55
35
45
60
65
70
SFDR: DCS ON
SNR: DCS ON
SNR: DCS OFF
SFDR: DCS OFF
INPUT LEVEL (dBFS)
–60
– 50
–40
–20
–30
–10
0
2298 G13
80
70
60
50
40
30
20
10
0
dBFS
dBc
INPUT LEVEL (dBFS)
–60
– 50
– 40
–20
–30
–10
0
2298 G14
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
2298 G15
155
145
135
125
115
105
95
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
2298 G16
12
10
8
6
4
2
0
0
20
40
50
10
30
60
70
80
LTC2298: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
200
2298 G09
50
100
150
75
74
73
72
71
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com