Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2298CUP Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 2Page - Linear Technology LTC2298CUP Datasheet HTML 3Page - Linear Technology LTC2298CUP Datasheet HTML 4Page - Linear Technology LTC2298CUP Datasheet HTML 5Page - Linear Technology LTC2298CUP Datasheet HTML 6Page - Linear Technology LTC2298CUP Datasheet HTML 7Page - Linear Technology LTC2298CUP Datasheet HTML 8Page - Linear Technology LTC2298CUP Datasheet HTML 9Page - Linear Technology LTC2298CUP Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2298/LTC2297/LTC2296
6
229876f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2298: Typical INL,
2V Range, 65Msps
LTC2298: Typical DNL,
2V Range, 65Msps
LTC2298: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
65Msps
LTC2298: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
65Msps
LTC2298: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
65Msps
LTC2298: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
65Msps
LTC2298: Grounded Input
Histogram, 65Msps
LTC2298/LTC2297/LTC2296:
Crosstalk vs Input Frequency
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
229876 G01
100
CODE
0
12288
2298 G01
4096
8192
16384
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
CODE
0
12288
2298 G02
4096
8192
16384
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
FREQUENCY (MHz)
0
2298 G03
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2298 G04
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2298 G05
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2298 G06
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
8196 8197 8198 8199 8200 8201 8202 8203
121
1596
9042
21824
20412
10224
2116
172
2298 G08
25000
20000
15000
10000
5000
0
FREQUENCY (MHz)
0
2298 G06a
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
LTC2298: 8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range, 65Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com