Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC06SCB01 Datasheet(PDF) 2 Page - ITT Industries

Part # VSC06SCB01
Description  19 Pin Connectors for Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VSC06SCB01 Datasheet(HTML) 2 Page - ITT Industries

  VSC06SCB01 Datasheet HTML 1Page - ITT Industries VSC06SCB01 Datasheet HTML 2Page - ITT Industries VSC06SCB01 Datasheet HTML 3Page - ITT Industries VSC06SCB01 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Features
• Sealed to IP67 when mated
• Socapex compatible
• Machined aluminum shells
• Black, hard anodized (non-conductive) finish for scratch and wear resistant surface
• Heavy duty ribbed coupling ring to provide easy manual coupling and uncoupling
• Six circuit identification on front and rear of inserts
• Recessed area in back of Female insert to accept grounding disk
• Seven forward contacts for “First make, last break” grounding
• Insulating sleeve
VSC
06
P
-
C
-
M40A
Cable Clamp
M40S
15-23mm
M40A
19-28mm
M40B
22-32mm
PG29
18-26mm
B01
10.3mm diameter European
B02
.450mm diameter SJO USA
11.8 mm diameter European
B03
.610mm diameter SO USA
ITT’s Veam VSC is a threaded coupling multi-pin cylindrical connector for lighting applications. Veam is well known for
the quality and ruggedness of it’s popular quarter-turn lock “CIR Series” and has utilized CIR’s superior design concepts to
provide a very rugged version of the Socapex SL-419 connector family.
Male Connectors
Inline complete with an aluminum backshell and a
compression grip cable seal (see cable range above).
Both solder or crimp contacts available.
Inline complete with an aluminum backshell and a
break out strain relief system (see cable range above).
Both solder or crimp contacts available. Watertight
to IP67.
Panel Plug (see mounting hole dimensions above).
Both solder or crimp contacts available.
Ordering Information
Technical Parameters
Voltage Rating: 700 VDC, 500 VAC
Current Rating: 41A max; 25A Rated
Temperature Rating: -55° C to +125° C
Contact Plating: Gold
(41.04)
1.616 TYP
(ø3.66
)
+.13
-0
ø1.937 THRU
(ø49.2)
4 HOLES THRU
ø.144
+.005
-.000
Mounting Hole Diagram
Dimensions are in (mm) inches
Code Digit
C- Crimp contacts
S- Solder contacts
Shell Type
06 - Plug
02 - Receptacle
01 - Cable connecting plug
26 - Panel mounting plug
Contact Type
P - Male
S - Female
Socapex is a registered trademark of Amphenol Corporation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com