Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC06SCB01 Datasheet(PDF) 4 Page - ITT Industries

Part # VSC06SCB01
Description  19 Pin Connectors for Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VSC06SCB01 Datasheet(HTML) 4 Page - ITT Industries

  VSC06SCB01 Datasheet HTML 1Page - ITT Industries VSC06SCB01 Datasheet HTML 2Page - ITT Industries VSC06SCB01 Datasheet HTML 3Page - ITT Industries VSC06SCB01 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Veam Customer Support
Locations
AMERICAS
100 New Wood Road
Watertown, CT 06795
phone: 1.860.274.9681
fax: 1.860.274.4963
EUROPE
Germany
Postfach 1120, Cannonstrasse1
Weinstadt, 71365
phone: 49.7151.699.0
fax: 49.7151.699.217
Italy
Corso Europa 41/43
Lainate (MI),
Italy 20020
phone: 39.02938721
fax: 39.0293872300
UK
Jays Close, Viables Estate
Basingstoke, RG22 4BA
phone: 44.1256.311200
fax: 44.1256.323356
www.ittcannon.com
© 2006 ITT Corporation. “Engineered for life” and “Cannon” are registered trademarks
of ITT Corporation. Specification and other data are based on information available at
the time of printing, and are subject to change without notice.
VSC 06-August



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com