Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742XIG Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H742XIG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XIG Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H742XIG Datasheet HTML 69Page - STMicroelectronics STM32H742XIG Datasheet HTML 70Page - STMicroelectronics STM32H742XIG Datasheet HTML 71Page - STMicroelectronics STM32H742XIG Datasheet HTML 72Page - STMicroelectronics STM32H742XIG Datasheet HTML 73Page - STMicroelectronics STM32H742XIG Datasheet HTML 74Page - STMicroelectronics STM32H742XIG Datasheet HTML 75Page - STMicroelectronics STM32H742XIG Datasheet HTML 76Page - STMicroelectronics STM32H742XIG Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 357 page
background image
DS12110 Rev 10
73/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
46
J7
69
L9
R12
79
90
P11
PB10
I/O
FT_f
-
TIM2_CH3,
HRTIM_SCOUT,
LPTIM2_IN1, I2C2_SCL,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN7,
USART3_TX,
QUADSPI_BK1_NCS,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER,
LCD_G4, EVENTOUT
-
47
K7
70
M9
R13
80
91
P12
PB11
I/O
FT_f
-
TIM2_CH4,
HRTIM_SCIN,
LPTIM2_ETR,
I2C2_SDA,
DFSDM1_CKIN7,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_R
MII_TX_EN, LCD_G5,
EVENTOUT
-
48
F8
71
N10
M10
81
92
U11
VCAP
S
-
-
-
-
49
E4
-
-
K7
-
93
-
VSS
S
-
-
-
-
-
-
-
M10
-
-
-
U12
VDDLDO
(8)
S-
-
-
-
50
-
72
M1
N10
82
94
L13
VDD
S
-
-
-
-
-
-
-
-
-
-
95
R12
PJ5
I/O
FT
-
LCD_R6, EVENTOUT
-
--
-
-
M11
83
96
T11
PH6
I/O
FT
-
TIM12_CH1,
I2C2_SMBA, SPI5_SCK,
ETH_MII_RXD2,
FMC_SDNE1, DCMI_D8,
EVENTOUT
-
-
-
-
-
N12
84
97
U13
PH7
I/O
FT_fa
-
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9, EVENTOUT
-
--
-
-
M12
85
98
T13
PH8
I/O
FT_fh
a
-
TIM5_ETR, I2C3_SDA,
FMC_D16,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
-
-
-
-
F8
-
-
-
VSS
S
-
-
-
-
-
-
-
L13
-
-
-
M13
VDD
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com