Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742XIG Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H742XIG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XIG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H742XIG Datasheet HTML 17Page - STMicroelectronics STM32H742XIG Datasheet HTML 18Page - STMicroelectronics STM32H742XIG Datasheet HTML 19Page - STMicroelectronics STM32H742XIG Datasheet HTML 20Page - STMicroelectronics STM32H742XIG Datasheet HTML 21Page - STMicroelectronics STM32H742XIG Datasheet HTML 22Page - STMicroelectronics STM32H742XIG Datasheet HTML 23Page - STMicroelectronics STM32H742XIG Datasheet HTML 24Page - STMicroelectronics STM32H742XIG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 357 page
background image
Ethernet and camera
interface
Yes
LCD-TFT
-
Yes
-
Yes
JPEG Codec
-
Yes
-
Yes
Chrom-ART Accelerator
(DMA2D)
Yes
16-bit ADCs
Number of Direct channels
Number of Fast channels
Number of Slow channels
3
2
3
11
2
9
17
2
9
21
4
9
23
2
3
11
2
9
17
2
9
21
4
9
23
2
3
11
2
9
17
2
9
21
4
9
23
2
3
11
2
9
17
2
9
21
4
9
23
12-bit DAC
Number of channels
Yes
2
Comparators
2
Operational amplifiers
2
DFSDM
Yes
Maximum CPU frequency
480MHz(2)(3)/400 MHz
Operating voltage
1.71
to
3.6
V(4)
1.62 to 3.6 V(5)
1.71
to
3.6
V(4)
1.62 to 3.6 V(5)
1.71
to
3.6
V(4)
1.62 to 3.6 V(5)
1.71
to
3.6
V(4)
1.62 to 3.6 V(5)
Operating temperatures
Ambient temperatures: –40 up to +85 °C(6)
Junction temperature: –40 to + 125 °C
Package
Table 2. STM32H742xI/G and STM32H743xI/G features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com