Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5270VM100 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 45Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 46Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 50Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 51Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 52Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
49
Figure 16 shows MII transmit signal timings listed in Table 38.
Figure 16. MII Transmit Signal Timing Diagram
8.10.3 MII Async Inputs Signal Timing (ECRS and ECOL)
Table 39 lists MII asynchronous inputs signal timing.
Figure 17 shows MII asynchronous input timings listed in Table 39.
Figure 17. MII Async Inputs Timing Diagram
8.10.4 MII Serial Management Channel Timing (EMDIO and EMDC)
Table 40 lists MII serial management channel timings. The FEC functions correctly with a maximum
MDC frequency of 2.5 MHz.
Table 39. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
ECRS, ECOL minimum pulse width
1.5
—
ETXCLK period
Table 40. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
EMDC falling edge to EMDIO output invalid (minimum propagation
delay)
0—
ns
M11
EMDC falling edge to EMDIO output valid (max prop delay)
—
25
ns
M12
EMDIO (input) to EMDC rising edge setup
10
—
ns
M13
EMDIO (input) to EMDC rising edge hold
0
—
ns
M14
EMDC pulse width high
40%
60%
MDC period
M15
EMDC pulse width low
40%
60%
MDC period
M6
ETXCLK (input)
ETXD[3:0] (outputs)
ETXEN
ETXER
M5
M7
M8
ECRS, ECOL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com