Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5270VM100 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Signal Descriptions
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
13
CLKOUT
—
—
—
O
89
K14
Mode Selection
CLKMOD[1:0]
—
—
—
I
20,21
G5,H5
RCON
—
—
—
I
79
K10
External Memory Interface and Ports
A[23:21]
PADDR[7:5]
CS[6:4]
—
O
126, 125, 124
B11, C11, D11
A[20:0]
—
—
—
O
123:115,
112:106, 102:98
A12, B12, C12,
A13, B13, B14,
C13, C14, D12,
D13, D14, E11,
E12, E13, E14,
F12, F13, F14,
G11, G12, G13
D[31:16]
—
—
—
O
22:30, 33:39
G1, G2, H1, H2,
H3, H4, J1, J2,
J3, J4, K1, K2,
K3, K4, L1, L2
D[15:8]
PDATAH[7:0]
—
—
O
42:49
M1, N1, M2, N2,
P2, L3, M3, N3
D[7:0]
PDATAL[7:0]
—
—
O
50:52, 56:60
P3, M4, N4, P4,
L5, M5, N5, P5
BS[3:0]
PBS[7:4]
CAS[3:0]
—
O
143:140
B6, C6, D7, C7
OE
PBUSCTL7
—
—
O
62
N6
TA
PBUSCTL6
—
—
I
96
H11
TEA
PBUSCTL5
DREQ1
—I
—J14
R/W
PBUSCTL4
—
—
O
95
J13
TSIZ1
PBUSCTL3
DACK1
—
O
—P6
TSIZ0
PBUSCTL2
DACK0
—
O
—P7
TS
PBUSCTL1
DACK2
—
O
97
H13
TIP
PBUSCTL0
DREQ0
—
O
—H12
Chip Selects
CS[7:4]
PCS[7:4]
—
—
O
—
B9, A10, C10,
A11
CS[3:2]
PCS[3:2]
SD_CS[1:0]
—
O
132,131
A9, C9
CS1
PCS1
—
—
O
130
B10
CS0
—
—
—
O
129
D10
SDRAM Controller
Table 2. MCF5270 and MCF5271 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5270
MCF5271
160 QFP
MCF5270
MCF5271
196 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com