Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGE847BO/SC0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGE847BO/SC0
Description  Optical receiver modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGE847BO/SC0 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGE847BO/SC0 Datasheet HTML 1Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 2Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 3Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 4Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 5Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 6Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 7Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 8Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Apr 04
4
Philips Semiconductors
Product specification
Optical receiver modules
BGE847BO; BGE847BO/FC0;
BGE847BO/SC0
Notes
1. Two laser test; each laser with a modulation index of 40%; Popt = 1 mW (total).
2. Three laser test; each laser with a modulation index of 60%; Popt = 1 mW (total).
3. fm = 446.5 MHz; fp = 97.25 MHz; fq = 349.25 MHz.
4. fm = 746.5 MHz; fp = 133.25 MHz; fq = 613.25 MHz.
5. fm = 854.5 MHz; fp = 133.25 MHz; fq = 721.25 MHz.
6. fm = 853.25 MHz; fp = 133.25 MHz; fq = 265.25 MHz; fr = 721.25 MHz.
handbook, halfpage
MLB151
10 k
Ω
1 k
Ω
Pin 1
photo
current
Fig.4 Monitor current pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com