Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGE847BO/SC0 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGE847BO/SC0
Description  Optical receiver modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGE847BO/SC0 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGE847BO/SC0 Datasheet HTML 1Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 2Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 3Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 4Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 5Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 6Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 7Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 8Page - NXP Semiconductors BGE847BO/SC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Apr 04
5
Philips Semiconductors
Product specification
Optical receiver modules
BGE847BO; BGE847BO/FC0;
BGE847BO/SC0
PACKAGE OUTLINES
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
1000
4.15
3.85
2.4
38.1 25.4 10.2
4.2
44.75
8
0.25
0.1
12
bF
2.5
M
1.6
M1
0.9
M2
N
min.
10.7
8.7
N1
5
1
N2
16.7
16.1
optical input
S1
4.95
4.55
S2
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115T
0
5
10 mm
scale
A
max.
D
max.
d
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; optical input; 8 gold-plated in-line leads
SOT115T
D
U1
q
q2
q1
b
F
S
S1
S2
A
Z
p
N
N1
N2
M
M1
M2
E
A2
L
c
d
Q
U2
M
w
78
9
23
4
W
e
e1
5
p
1
y M B
y M B
y M B
B
99-04-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com