Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START620 Datasheet(PDF) 3 Page - STMicroelectronics

Part # START620
Description  NPN SiGe RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START620 Datasheet(HTML) 3 Page - STMicroelectronics

  START620 Datasheet HTML 1Page - STMicroelectronics START620 Datasheet HTML 2Page - STMicroelectronics START620 Datasheet HTML 3Page - STMicroelectronics START620 Datasheet HTML 4Page - STMicroelectronics START620 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
START620
COMMON EMITTER S-PARAMETERS ( VCE = 2V, IC = 20mA )
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
0.1
0.505
-21
35.490
163
0.009
80
0.940
-14
0.5
0.322
-69
19.713
134
0.030
84
0.611
-38
0.9
0.245
-88
12.607
130
0.048
100
0.484
-43
1
0.237
-92
11.751
130
0.052
102
0.470
-44
1.5
0.193
-97
7.564
133
0.071
118
0.430
-46
1.8
0.188
-95
6.534
139
0.088
127
0.443
-48
2
0.190
-89
5.834
144
0.093
133
0.449
-49
2.5
0.218
-76
4.639
154
0.109
148
0.497
-55
3
0.219
-86
3.688
165
0.160
170
0.455
-66
3.5
0.209
-80
3.537
172
0.181
174
0.412
-73
4
0.195
-89
3.006
180
0.200
173
0.355
-80
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com