Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # START620
Description  NPN SiGe RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START620 Datasheet(HTML) 1 Page - STMicroelectronics

  START620 Datasheet HTML 1Page - STMicroelectronics START620 Datasheet HTML 2Page - STMicroelectronics START620 Datasheet HTML 3Page - STMicroelectronics START620 Datasheet HTML 4Page - STMicroelectronics START620 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
PRELIMINARY DATA
May, 3 2002
START620
NPN SiGe RF Transistor
SOT343 (SC70)
ORDER CODE
START620TR
BRANDING
620
APPLICATIONS
• LNA FOR GSM/DCS, CDMA, WCDMA,
BLUETOOTH
• GENERAL PURPOSE 500MHz-5GHz
• LOW NOISE FIGURE: NFmin = 0.8dB
@ 1.8GHz, 5mA, 2V
• COMPRESSION P1dB = 13dBm
@ 1.8GHz, 20mA, 2V
• ULTRA MINIATURE SOT343 PACKAGE
DESCRIPTION
The START620 is a member of the START family
that provide market with the state of the art of RF
silicon process. It uses ST’s Silicon Germanium
technology. This technology offers ft’s of up to
45GHz and Fmax’s of over 60GHz. The START620
offers the best mix of gain and NF for given
breakdown voltage(BVceo = 3.3V).
It reaches performance level only achieved with
GaAs products before.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vceo
Collector emitter voltage
3.3
V
Vcbo
Collector base voltage
10
V
Vebo
Emitter base voltage
1.5
V
Ic
Collector current
40
mA
Ib
Base current
4
mA
Ptot
Total dissipation, Ts = 101
135
mW
Tstg
Storage temperature
-65 to 150
oC
Tj
Max. operating junction temperature
150
oC
Rthjs
Thermal Resistance Junction soldering point
270
oC/W
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - START620

ManufacturerPart #DatasheetDescription
logo
PowerData Technologies ...
START 2 POWERDATATECHNOLOGIES-START 2 Datasheet
172Kb / 1P
Modular under desk power & data products
START 3 POWERDATATECHNOLOGIES-START 3 Datasheet
172Kb / 1P
Modular under desk power & data products
START 5 POWERDATATECHNOLOGIES-START 5 Datasheet
172Kb / 1P
Modular under desk power & data products
START 7 POWERDATATECHNOLOGIES-START 7 Datasheet
172Kb / 1P
Modular under desk power & data products
START X POWERDATATECHNOLOGIES-START X Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - START620

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
NPN SiGe RF TRANSISTOR
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
NPN SiGe RF TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
NPN SiGe RF POWER TRANSISTOR
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
NPN SiGe RF POWER TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
NPN SiGe RF TRANSISTOR
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
NPN SiGe RF TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
NPN SiGe RF POWER TRANSISTOR
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com