Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF461/HB Datasheet(PDF) 2 Page - International Rectifier

Part # ASF461/HB
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASF461/HB Datasheet(HTML) 2 Page - International Rectifier

  ASF461/HB Datasheet HTML 1Page - International Rectifier ASF461/HB Datasheet HTML 2Page - International Rectifier ASF461/HB Datasheet HTML 3Page - International Rectifier ASF461/HB Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.irf.com
ASF461 Series
Specifications
Available Screening Levels and Process Variations for ASF461 Series
* Per Commercial Standards
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20°C to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
¬
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant
Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-38534
Specification
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
Cond C
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
¬
Yes
Yes
Yes
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
Steady State
0
28
50
VDC
Input Current
Steady State
420
mADC
Output Voltage
Steady State
V
OUT = VIN (IIN x RDC)
VDC
Output Current
Steady State
420
mADC
DC Resistance (R
DC)
Steady State
1.7
2.0
2.3
ohms
Power Dissipation
Max. Current 420 mA
1.6
watts
Noise Rejection
100 KHz
500 KHz to 10 MHz
-40
-60
db
Capacitance
Any pin to case
4200
pf
Isolation
Any pin to case
500VDC
100
M
Ω
Operating Temp
Base plate
-55
+25
+125
°C
Storage Temp
Base plate
-65
+25
+150
°C
Weight
39
grams



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com