Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF461/HB Datasheet(PDF) 1 Page - International Rectifier

Part # ASF461/HB
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASF461/HB Datasheet(HTML) 1 Page - International Rectifier

  ASF461/HB Datasheet HTML 1Page - International Rectifier ASF461/HB Datasheet HTML 2Page - International Rectifier ASF461/HB Datasheet HTML 3Page - International Rectifier ASF461/HB Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/21/02
www.irf.com
1
ADVANCED ANALOG
EMI FILTER
ASF461 SERIES
Description
n Uses less than 1.2 sq. in. of Board Space
n -55°C to +125°C Operation
n Greater than 50db Ripple Current Reduction
n Optimal Military Screening
n No Derating for -55°C to +125°C Operation
Features
ASF
The ASF461 EMI filter will reduce the input line re-
flected ripple current of the ASA line of DC/DC convert-
ers to levels below the CEO3 limits of MIL-STD-461.
These EMI filters are available with military screening
and built in a facility fully qualified to MIL-PRF-38534.
Four grades are offered with different screening op-
tions. Refer to Part Number section.
The ASF461 Filter is built using thick film hybrid tech-
nology and seam welded in a hermetic kovar package
for high reliability.
These units offer superior noise reduction and power
dissipation when compared with similar competitive
filters. No derating is required over the entire operating
temperature range.
Typical Application
ASF461
EMI
Filter
+Vin
Input
Return
+Vout
Output
Return
R
L
System
Bus
Case
ASA28XX
DC/DC
+Vout
Output
Return
+Vin
Input
Return
Case
PD - 94589


Similar Part No. - ASF461/HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASF461 IRF-ASF461 Datasheet
33Kb / 4P
ADVANCED ANALOG EMI FILTER
ASF461 IRF-ASF461_15 Datasheet
33Kb / 4P
ADVANCED ANALOG EMI FILTER
More results

Similar Description - ASF461/HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
43Kb / 4P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AFV461 IRF-AFV461 Datasheet
34Kb / 4P
ADVANCED ANALOG EMI FILTER
AME50461 IRF-AME50461 Datasheet
52Kb / 5P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AFC461 IRF-AFC461 Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Qualtek Electronics Cor...
851-03004 QUALTEK-851-03004 Datasheet
254Kb / 1P
EMI FILTER
851-05005 QUALTEK-851-05005 Datasheet
239Kb / 1P
EMI FILTER
851-10007 QUALTEK-851-10007 Datasheet
238Kb / 1P
EMI FILTER
858-06011 QUALTEK-858-06011 Datasheet
263Kb / 1P
EMI FILTER
logo
International Rectifier
ASF461 IRF-ASF461_15 Datasheet
33Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
Advanced Analog Chip Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com