Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SIM-200M Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST4SIM-200M
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SIM-200M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST4SIM-200M Datasheet HTML 8Page - STMicroelectronics ST4SIM-200M Datasheet HTML 9Page - STMicroelectronics ST4SIM-200M Datasheet HTML 10Page - STMicroelectronics ST4SIM-200M Datasheet HTML 11Page - STMicroelectronics ST4SIM-200M Datasheet HTML 12Page - STMicroelectronics ST4SIM-200M Datasheet HTML 13Page - STMicroelectronics ST4SIM-200M Datasheet HTML 14Page - STMicroelectronics ST4SIM-200M Datasheet HTML 15Page - STMicroelectronics ST4SIM-200M Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
VFDFPN8 package information
VFDFPN8 is a "very thin fine pitch dual flat no lead package" with wettable flanks, dimensions 5 × 6 mm and
1.27 mm pitch.
This package is compliant with JEDEC J-STD-020D and MSL 1 specifications.
It is also compliant with MFF2 (Machine-to-machine form factor 2) ETSI specifications (M2M UICC - TS102.671).
Figure 7. VFDFPN8 - outline
1
2
Top view
Side view
Bottom view
Seatingplane
A
A1
A3
(Datum B)
L
D2
(Datum A)
D
D
7
8
E2
Pin 1 IDR0.200
K
2
1
(0.05)
(0.10)
(0.30)
(0.40)
(0.05)
Section “D–D”Scale: 3:1
A06D_ME_V1
Note:
Drawing is not to scale.
ST4SIM-200M
Package information
DB4082 - Rev 5
page 12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com