Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SIM-200M Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST4SIM-200M
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SIM-200M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST4SIM-200M Datasheet HTML 13Page - STMicroelectronics ST4SIM-200M Datasheet HTML 14Page - STMicroelectronics ST4SIM-200M Datasheet HTML 15Page - STMicroelectronics ST4SIM-200M Datasheet HTML 16Page - STMicroelectronics ST4SIM-200M Datasheet HTML 17Page - STMicroelectronics ST4SIM-200M Datasheet HTML 18Page - STMicroelectronics ST4SIM-200M Datasheet HTML 19Page - STMicroelectronics ST4SIM-200M Datasheet HTML 20Page - STMicroelectronics ST4SIM-200M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Figure 16. Embossed carrier tape for VFDFPN8 (5 × 6 mm)
W
Do
P2
Po
P1
F
E
D1
USER DIRECTION OF FEED
Bo
Ao
T
Ko
B2
Note:
1.
Cumulative tolerance of 10 sprocket hole pitch = ±0.20 mm.
2.
Pocket position relative to sprocket hole is measured as the true position of the pocket, not the pocket hole.
3.
A0 and B0 are calculated on a plane at a distance “R” above the bottom of the pocket.
4.
Unless otherwise specified, all dimensions are in millimeters, and decimal values of the form x.x are with
±0.2 tolerance whereas values of the form x.xx are with ±0.10 tolerance.
5.
Drawing is not to scale
Figure 17. Component orientation
#4000
#0001
Index
ST4SIM-200M
VFDFPN8 package information
DB4082 - Rev 5
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com