Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7923KF Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7923KF
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KF Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7923KF Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 10
G52203-0, Rev 3.0
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information - 24 Pin Metal-Glass Package
(D) TYP
(E)
± .002
(A) MAX
Pin 1
(LID)
Top View
(B)
(G)
(F)
(C)
MAX
Package Top
Package Lid
(I)
(H)
Side View
NOTES: Drawing not to scale.
Package #: 101-291-8 Issue #:1
Key
mm
In
A7.11
0.280
B6.10
0.240
C1.02
0.040
D0.76
0.030
E0.30
0.012
F2.08
0.082
G1.02
0.040
H9.52
0.375
I0.13
0.005
Lid #: 101-292-3 Issue #:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com