Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7923KF Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7923KF
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KF Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7923KF Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7923KF Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52203-0, Rev 3.0
Page 13
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Ordering Information
The order number for this product is formed by a combination of the device number, and package style.
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production
information about Vitesse products in their concept, development and/or testing phase. All information in this document, including descriptions of
features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this
document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be available as described or
will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
VSC7923
XX
Device Type
2.5Gb/s Laser Diode Driver
Package Style (24 pin)
CA: Metal Glass Package—Straight Leads
KF: Ceramic Package—Straight Leads
KFL: Ceramic Package—Formed Leads
X:
Bare Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com