Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7923KFL Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7923KFL
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KFL Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7923KFL Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 4
G52203-0, Rev 3.0
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Calculation of the Maximum Case Temperature
The VSC7923 is designed to operate with a maximum junction temperature of 125°C. The rise from the case to
junction is determined by the power dissipation of the device. The power dissipation is determined by the VSS
current plus the operating IMOD and IBIAS currents.
The power of the chip is determined by the following formula:
PD=(-VSS * ISS) + ((VIOUT – VSS) * IMOD) + ((VIBIAS – VSS) * IBIAS)
For example with:
VSS
= -5.2V
IMOD
= 40mA
IBIAS
= 20mA
VIBIAS
= -2.0V
VIOUT
= -2.0V
PD = 5.2 * 220mA) + ((5.2 - 2.0) * 40mA) + ((5.2-- 2.0) * 20mA)
PD = 1144mW + 128mW + 64mW = 1.336W
The thermal rise from junction to case is
θ
JC * PD. For the metal glass package, θJC = 32 °C/W. Thus the ther-
mal rise is:
32°C/W * 1.336W = 42.7°C
The maximum case temperature is:
125°C – 42.7°C = 82.3°C
The absolute maximum power dissipation of the device is at:
VSS
=-5.5V
IMOD
=60mA
IBIAS
=50mA
VIBIAS =0V
VIOUT
=0V
PD = (5.5 * 220mA) + (5.5 * 60mA) + (5.5mA * 50mA)
PD = 1.815W
This will net a maximum junction to case thermal rise of: 1.815W * 32°C/W = 58°C
This situation will allow maximum case temperature of: 125°C – 58°C = 67°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com